Part Number Hot Search : 
2N7002L A1155 P6KE68 KMPC880 74AC32 2701B G1500 MN103S
Product Description
Full Text Search
 

To Download SRP1206-R47Y Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  *rohs directive 2002/95/ec jan 27, 2003 including annex **no lead detected in standard tests of homogeneous materials. specifications are subject to change without notice. customers should verify actual device performance in their specific applications. l vs i charts 2.0 3.0 1.0 0.0 010 20 30 dc current (a) inductance ( h) 2r8 2r0 1r3 r80 *rohs compliant srp1206 series - shielded power inductors features shielded construction unit height of 5.7 mm inductance range: 0.47 h to 3.3 h current up to 30 a rohs compliant* lead free** applications input/output of dc/dc converters power supplies for: portable communications equipment camcorders lcd tvs car audio systems electrical specifications product dimensions 12.50 0.30 (0.492 0.012) 4.15 (0.163) 13.0 (0.512) 3.75 (0.148) 10.50 (0.413) 3.00 (0.118) 4.50 (0.177) 7.50 0.25 (0.295 0.010) 7.50 (0.295) 12.50 0.30 (0.492 0.012) 2.00 (0.079) ref. 5.20 (0.205) ref. clip (for mounting fixed) 1 2.50 (0.098) nom. 6.40 (0.252) ref. 2.00 (0.079) nom. 5.70 0.30 (0.224 0.012) 1.90 0.20 (0.748 0.008) 4.70 (0.185) ref. ref. ref. ref. 4.15 (0.163) ref. ref. ref. ref. 3.75 (0.148) ref. ref. 1r0 2 3 3 general specifications test voltage........................................1 v test frequency ..........................100 khz reflow soldering .....230 ?c; 50 sec max. operating temperature ..-55 ? to +150 ? (temperature rise included) storage temperature..-55 ? to +150 ? resistance to soldering heat ..............................+260 ? for 10 sec. materials core .........................................ferrite er wire .............................enameled copper terminal .........................................cu/sn rated current....... ind. drops 20 % at i sat temperature rise..........40 ?c at rated i rms packaging .......600 pcs. per 13-inch reel recommended layout electrical schematic initial inductance flat point bourns part no. inductance at flat point ref. i rms i sat dcr l0 ( h) l1 ( h) (a) (a) (a) (m ? ) max. SRP1206-R47Y 0.70 25 % 0.47 25 % 5.0 30.0 30.0 2.3 srp1206-r60y 0.90 25 % 0.60 25 % 5.0 28.0 26.0 2.3 srp1206-r80y 1.10 25 % 0.80 25 % 5.0 26.0 25.0 3.2 srp1206-1r3y 1.50 25 % 1.30 25 % 4.0 22.0 19.0 3.6 srp1206-2r0y 2.20 25 % 2.00 25 % 4.0 17.0 15.0 6.0 srp1206-2r8y 3.00 25 % 2.80 25 % 3.0 15.0 13.0 7.0 srp1206-3r3y 3.50 25 % 3.30 25 % 3.0 14.0 12.0 7.0 *rohs compliant dimensions: mm (inches)
specifications are subject to change without notice. customers should verify actual device performance in their specific applications. rev. 09/10 srp1206 series - shielded power inductors packaging specifications 26.0 - 0 (1.02 - 0) 30.4 (1.197) 2.0 0.5 (.079 .020) 50.0 - 0 (1.97 - 0) 330.0 (13.00) dia. 13.0 0.5 (.51 .020) dia. 13.0 0.5 (.51 .020) dia. 21.0 0.8 (.827 .031) embossed carrier embossed cavity 0.10 (.004) thickness max. dimensions: mm (inches) 4.0 (0.157) 16.0 (0.630) 2r0 2r0 2r0 2r0 2r0 end start user direction of feed 160 (6.299) no component min. min. no component components 400 (15.748) soldering profile 25 75 125 175 225 275 0 50 100 150 200 250 300 time (seconds) temperature (c) 120-150 seconds 60 seconds maximum 260 c peak 190c 150 c 220 c ramp down 5 c/second <1> 255 c <1> maximum of 10 seconds between +255 c and +260 c ramp up 4 c/second maximum 10 seconds minimum


▲Up To Search▲   

 
Price & Availability of SRP1206-R47Y

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X